PART |
Description |
Maker |
NSR0530P2T5G |
Schottky Barrier Diode 30V 0.5A low VF SOD-923 Schottky Diode 0.5 A, 30 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor
|
CMSSH-3E CMSSH-3SE CMSSH-3AE CMSSH-3CE |
SMD Schottky Diode Dual: High Current: Common Anode SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
ZHCS1006 ZHCS1006TA |
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ”SuperBAT?/a> SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ??uperBAT??/td>
| SOT-23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE SuperBAT SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE B>SuperBAT DIODE SCHOTTKY SOT-23 肖特基二极管采用SOT - 23 High Current Schottky Diode
|
Fairchild Semiconductor Zetex Semiconductors Zetex Semiconductor PLC
|
MBRD320 MBRD330 MBRD340 MBRD320TR MBRD340PBF |
Schottky (Diodes & Rectifiers) 3.0 Amp 40 Volt SCHOTTKY RECTIFIER 30V 3A Schottky Discrete Diode in a D-Pak package 40V 3A Schottky Discrete Diode in a D-Pak package 20V 3A Schottky Discrete Diode in a D-Pak package
|
Vishay Semiconductors IRF[International Rectifier]
|
BAS40DW-04 BAS40DW-05-TP BAS40DW-06-TP BAS40TW BAS |
200mW SCHOTTKY BARRIER Diode DIODE SCHOTTKY 200MW 40V SOT363 0.2 A, 40 V, 4 ELEMENT, SILICON, SIGNAL DIODE DIODE SCHOTTKY ARRAY 40V SOT-363 0.2 A, 40 V, 3 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
BAS70DW-04 BAS70DW-06-TP BAS70TW BAS70DW-05 |
200mW SCHOTTKY BARRIER Diode DIODE SCHOTTKY 200MW 70V SOT363 0.07 A, 70 V, 4 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
BAT54WX-TP |
DIODE SCHOTTKY 30V SOD-523 0.2 A, 30 V, SILICON, SIGNAL DIODE 200mWatt, 30Volt Schottky Diodes
|
Tianjin Global Magnetic Card Co., Ltd. Micro Commercial Components
|
NTLUF4189NZ NTLUF4189NZTAG NTLUF4189NZTBG |
Power MOSFET and Schottky Diode 30 V, N−Channel with 0.5 A Schottky Barrier Diode, 1.6 x 1.6 x 0.55 mm Cool Package
|
ON Semiconductor
|
Q67040S4647 SDT08S60 |
Silicon Carbide Schottky Diodes - 8A diode in TO220-2 package Thinq SiC Schottky Diode
|
Infineon Technologies AG
|
NTHD4N02F NTHD4N02FT1G NTHD4N02FT1 NTHD4N02 |
Power MOSFET and Schottky Diode 20 V, 2.7A, N-Channel, w/1.0 A Schottky Barrier Diode, ChipFET™
|
ON Semiconductor
|
CMDSH-4E |
SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SCHOTTKY DIODE
|
Central Semiconductor Corp
|
18TQ045 18TQ045S 18TQ035S 18TQ 18TQ035 18TQ040 18T |
45V 18A Schottky Discrete Diode in a TO-220AC package 45V 18A Schottky Discrete Diode in a D2-Pak package 40V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a TO-220AC package SCHOTTKY RECTIFIER CAT6 SOL PC PVC YEL 2OFT PVC SOLID PATCH CORD CAT6 SOL PC PVC YEL 30FT PVC SOLID PATCH CORD DIODE 18 A, 35 V, SILICON, RECTIFIER DIODE, TO-263AB, PLASTIC, SMD-220, D2PAK-3, Rectifier Diode 40V 18A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier] Vishay Semiconductors
|